PART |
Description |
Maker |
S5L840F |
Internet Audio Decoder
|
Samsung semiconductor
|
S5L9290X02 |
DIGITAL SIGNAL PROCESSOR FOR INTERNET AUDIO
|
Samsung Electronic
|
WM8731SEDS/R |
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
|
Wolfson Microelectronics plc
|
AT75C310 AT75C310-Q160 |
Smart Internet Appliance Processor (SIAP? Smart Internet Appliance Processor Electrical and Mechanical Characteristics Smart Internet Appliance Processor (SIAP) Smart Internet Appliance Processor (SIAP 32-BIT, RISC MICROCONTROLLER, PQFP16
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AT75C320 AT75C320NBSP |
Smart Internet Appliance Processor 32-BIT, RISC MICROCONTROLLER, PQFP16 The next-generation of high-performance processors designed for internet appliance applications, bui From old datasheet system
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
SLD323V-3 SLD323V SLD323V-1 SLD323V-2 SLD323V-21 S |
Audio CODEC IC; IC Function:Audio CODEC IC; Package/Case:24-TSSOP; IC Generic Number:4270; Leaded Process Compatible:No; Number of Bits:24; Number of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C 1W的高功率密度激光二极管 Stereo CODEC IC; IC Function:Stereo CODEC IC; Package/Case:28-TSSOP; Leaded Process Compatible:No; Operating Temp. Max:-40 C; Operating Temp. Min:85 C; Peak Reflow Compatible (260 C):No; Supply Voltage:3.1V RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:24-TSSOP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:64-LQFP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:6; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 24BIT CODEC AUDIO, 4271, TSSOP28; Resolution, Bits:24bit; Sample Rate:192kHz; DACs, No. of:2; Interface Type:Serial; Output Type:Differential; Voltage, Supply Min:2.37V; Voltage, Supply Max:5.25V; Termination Type:SMD; A/D Converter (A-D) IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No High Power Density 1W Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|
243NQ100 243NQ 243NQ080 243NQ090 243NQ100R |
100V 240A Schottky DISCR. (R) Diode in a D-67 HALF-Pak package Audio Sample Rate Converter IC; IC Function:Audio Sample Rate Converter IC; Package/Case:20-QFN; Leaded Process Compatible:No; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Audio Sample Rate Converter IC; IC Function:Audio Sample Rate Converter IC; Package/Case:20-TSSOP; Leaded Process Compatible:Yes; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Supply Voltage:5.25V; Frequency:192GHz RoHS Compliant: Yes Transceiver IC; Transceiver Type:Digital Audio; Supply Voltage:5V; Package/Case:28-SOIC; Frequency:96GHz; Interface Type:Serial; Leaded Process Compatible:No; No. of Drivers:1; No. of Receivers:1; Operating Temp. Max:70 C RoHS Compliant: No SCHOTTKY RECTIFIER 肖特基整流器
|
IRF[International Rectifier] International Rectifier, Corp.
|
CXD9011R |
CMOS Audio Process Converter
|
ETC
|
2SC342306 2SC3423 |
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Amplifier Applications
|
Toshiba Semiconductor
|
2SC285907 |
Silicon NPN Epitaxial (PCT process) Audio Frequency Low Power Amplifier Applications
|
Toshiba Semiconductor
|
2SC342106 2SC3421 |
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Power Amplifier Applications
|
Toshiba Semiconductor
|
2SA1048 |
Transistor Silicon PNP Epitaxial Type (PCT process) Audio Frequency Amplifier Applications
|
TOSHIBA
|